Part Number Hot Search : 
78K0S 254206 SB803 KBL608GG 18153 10B60KD C2001 875924
Product Description
Full Text Search
 

To Download TMG5C60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRIAC(Through Hole / Non-isolated)
TMG5C60
Triac TMG5C60 is designed for full wave AC control applications. It can be used as an ON/OFF function or for phase control operation.
Typical Applications
Home Appliances : Washing Machines, Vacuum Cleaners, Rice Cookers, Micro Wave Ovens, Hair Dryers, other control applications Industrial Use : SMPS, Copier Machines, Motor Controls, Dimmer, SSR, Heater Controls, Vending Machines, other control applications
Features
IT(RMS)=5A High Surge Current Low Voltage Drop Lead-Free Package
Identifying Code T5C6
Unit mm
Maximum Ratings
Tj=25
unless otherwise specified
Symbol VDRM IT RMS ITSM I2t PGM PG AV IGM VGM Tj Tstg
Item Repetitive Peak Off-State Voltage R.M.S. On-State Current Surge On-State Current I2t for fusing Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Operating Junction Temperature Storage Temperature Mass
Reference Tc 107 One cycle, 50Hz/60Hz, Peak value non-repetitive
Ratings 600 5 50/55 12.6 3 0.3 2 10 40 125 40 150 2
Unit V A A A2S W W A V
g
Electrical Characteristics
Symbol IDRM VTM I GT1 I GT1 I GT3 I GT3 V GT1 V GT1 V GT3 V GT3 VGD dv/dt c IH Rth Item Repetitive Peak Off-State Current Peak On-State Voltage 1 2 Gate Trigger Current 3 4 1 2 Gate Trigger Voltage 3 4 Non-Trigger Gate Voltage
Critical Rate of Rise of Off-State Voltage at Commutation
Reference VD=VDRM, Single phase, half wave, Tj 125 IT 7A, Inst. measurement
Min.
Ratings Typ. Max. 1 1.4 20 20 20 1.5 1.5 1.5
Unit mA V
mA
VD 6V RL 10
V
Tj 125 Tj 125
VD
1
2VDRM
0.2 A/ms VD
2 3VDRM
V V/ s 10 3.0 mA /W
di/dt c
5
Holding Current Thermal Resistance
Junction to case
Trigger mode of the triac
Mode I
Mode
I
Mode
Mode
TMG5C60
1 1 1
3 1 1 1 1
3


▲Up To Search▲   

 
Price & Availability of TMG5C60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X